tmc60 series 37.5~64 watts medical & ite ac/dc power supplies tumbler technologies + trumpower 3350 scott blvd., building 13 ? santa clara, california 95054, usa ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com trumpower features ? 2" x 4" footprint with 1.18" low profile ? open pcb, l-bracket & cover available ? 90~264 vac universal input ? single, dual, or triple outputs ? low earth leakage current ? level b emissions input voltage range .............. 90~264 vac input frequency ..................... 47~63 hz input current .......................... 1.3a (rms) @ 100 vac 0.7a (rms) @ 240 vac inrush curr ent ....................... 30a @ 115 vac or 60a @ 230 vac, at 25 c cold start earth leakage current .......... 150 a max. @ 264 vac, 63hz output power ratings ........... see rating table tolerance ............................... see rating table ripple and noise* 100 mvp-p on 3.3v & 5v models; 1% peak to peak on other models notes: 1) safety approvals are for pcb form only. to order l-bracket version, add suffix "b", e.g. tmc60-s12b. to order enclosed versio n, add suffix "c", e.g. tmc60-d23c. 2) maximum current of output #1 for multi-output models can be 8a at 5 cfm forced air provided by user. 3) the maximum output power listed is convection rating. 4) 47.5w with 5 cfm forced air is provided by user. 5) the output voltages of a multiple output model may go outside of the listed tolerance when an output load current is beyond its limits. . o n t c u d o r p 1 # t u p t u o 2 # t u p t u o 3 # t u p t u o t u p t u o . x a m r e w o p ] 3 [ e g a t l o v . n i m t n e r r u c t n e r r u c . x a m n o i t c e v n o c @ . x a m t n e r r u c m f c 5 @ ] 2 [ . l o t e g a t l o v . n i m t n e r r u c . x a m t n e r r u c . l o t e g a t l o v . n i m t n e r r u c . x a m t n e r r u c . l o t 5 0 s - 0 6 c m t v 5a 0a 1 1 ?% 2 ? ? ? ? ? ? ? ?w 5 5 2 1 s - 0 6 c m t v 2 1a 0a 5 ?% 2 ? ? ? ? ? ? ? ?w 0 6 5 1 s - 0 6 c m t v 5 1a 0a 3 . 4 ?% 2 ? ? ? ? ? ? ? ?w 4 6 4 2 s - 0 6 c m t v 4 2a 0a 7 . 2 ?% 2 ? ? ? ? ? ? ? ?w 4 6 8 4 s - 0 6 c m t v 8 4a 0a 5 3 . 1 ?% 2 ? ? ? ? ? ? ? ?w 4 6 3 2 d - 0 6 c m t v 5 +a 5 . 0a 6a 8% 3 v 2 1 +a 1 . 0a 3% 5 ? ? ? ?w 5 5 5 2 d - 0 6 c m t v 5 +a 5 . 0a 6a 8% 3 v 4 2 +a 1 . 0a 5 . 1% 5 ? ? ? ?w 5 5 1 3 t - 0 6 c m t v 5 +a 5 . 0a 6a 8% 3 v 2 1 +a 1 . 0a 3% 5 v 2 1 -a 0a 5 . 0% 4 w 5 5 3 - 1 3 t - 0 6 c m t v 3 . 3 +a 8 . 0a 6a 8% 3 v 2 . 5 +a 1 . 0a 3% 5 v 2 1 +a 0a 5 . 0% 4 w 5 . 7 3 5 - 1 3 t - 0 6 c m t v 5 +a 5 . 0a 6a 8% 3 v 3 . 3 +a 0a 5 . 1% 5 v 2 1 +a 0a 5 . 0% 4 w 5 . 7 4 / 5 . 7 3 ] 4 [ 2 3 t - 0 6 c m t v 5 +a 5 . 0a 6a 8% 3 v 5 1 +a 1 . 0a 4 . 2% 5 v 5 1 -a 0a 5 . 0% 4 w 5 5 9 3 t - 0 6 c m t v 5 +a 5 . 0a 6a 8% 3 v 4 2 +a 1 . 0a 5 . 1% 5 v 2 1 -a 0a 5 . 0% 4 w 5 5 overvoltage protectio n .......... provided on output #1 only; set at 112-132% of its nominal output voltage overcurrent p rotection .......... all outputs protected to short-circuit conditions temperature coefficient ....... 0.04%/ c max. transient response ............. ma x. excursion of 4% or better on all models, recovering to 1% of final value within 500 s after a 25% step load change input & output specifications * measured with 20 mhz bw at rated line voltage and output load ranges, with a 10f tantalum capacitor in parallel with a 0.1f ceramic capacitor across the output. models list
tumbler technologies + trumpower 3350 scott blvd., building 13 ? santa clara, california 95054, usa ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com tmc60 series 37.5~64 watts medical & ite ac/dc power supplies #tmc60-2011-0825 mechanical specifications ) 2 n c ( s r o t c e n n o c t u p t u o c d n i p e l g n i s l a u d e l p i r t 1 t u p t u o1 # t u p t u o1 # t u p t u o 2 t u p t u o1 # t u p t u o1 # t u p t u o 3 n r u t e rn r u t e r n o m m o cn r u t e r n o m m o c 4 n r u t e rn r u t e r n o m m o cn r u t e r n o m m o c 5 . c . n. c . n3 # t u p t u o 6 . c . n2 # t u p t u o2 # t u p t u o notes: 1. dimensions: inches [mm] 2. tolerance: 0.02 [0.5] maximum 3. connector cn1: molex header 09-65-2038 or equivalent, mating with molex housing 09-50-1031 or equivalent. 4. connector cn2: molex header 09-65-2068 or equivalent, mating with molex housing 09-50-1061 or equivalent. 5. ground tab is 0.25 [6.35] x 0.032 [0.8] fast-on connector. 6. to ensure compliance with level b emissions, connect the two * marked mounting holes with metallic standoffs to chassis. 7. weight: 205 grams (0.45 lb.) approx. general specifications switching frequency ............. 625 khz efficiency ............................... 80~88% typical except 75% on tmc60-t31-3 and tmc60-t31-5 hold-up time ......................... 12 ms minimum at 110 vac line regulation ..................... 0.5% max. at full load operating temperature ........ -10 c to +70 c derating ................................. derate from 100% @ +50 c linearly to 50% @ +70 c storage temperature ............ -40 c to +85 c relative humidity .................. 5% to 95% non-condensing withstand voltage ................. 4,000 vac from input to output 1,500 vac from input to ground 500 vac from output to ground mtbf ...................................... 400k hours minimum at full load, 25 c ambient, calculated per mil-hdbk-217f standards & compliances iec 60601-1-2 ....................... emc & immunity performance en 55011, en 55022 ............ cl ass b conducted and radiated fcc, vcci ............................. cl ass b conducted and radiated en 61000-3-2 ........................ h armonic distortion, class a & d en 61000-3-3 ........................ li ne flicker en 61000-4-2 ........................ esd, 8 kv air and 6 kv contact en 61000-4-3 ........................ radiated immunity, 3v/m en 61000-4-4 ........................ fa st transient/burst, 2 kv en 61000-4-5 ........................ surge, 1 kv diff., 2 kv com. en 61000-4-6 ........................ c onducted immunity, 3 vrms en 61000-4-8 ........................ magnetic field immunity, 3a/m en 61000-4-11 . ..................... v oltage dip immunity, 30% reduction for 500 ms, 60% reduction for 100 ms, >95% reduction for 10 ms safety standards ................... ul 60601-1, en 60601-1, csa c22.2 no. 601.1, ul 60950-1, en 60950-1, csa c22.2 no. 60950-1 agency approvals .................. u l, cul, tuv, cb, ce (lvd) other compliance ................. rohs
|